Part Number Hot Search : 
UCA6472 D5SB80 1N5419US 2SK858 BZV55C10 AF310 PM6685TR 3IMC120
Product Description
Full Text Search
 

To Download P1101UL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multiport SLIC Protector
RoHS
This multiport line protector is designed as a single-package solution for protecting multiple twisted pair from overvoltage conditions. Based on a six-pin SOIC package, it is equivalent to four discrete DO-214AA packages. Available in surge current ratings up to 500 A for a 2x10 s event, the multiport line protector is ideal for densely populated line cards that cannot afford PCB inefficiencies or the use of series power resistors. For details of specific design criteria, see Figure 6.44, Figure 6.45, and Figure 6.46 in Section 6, "Reference Designs" of this Telecom Design Guide.
Electrical Parameters
VDRM Volts Part Number * P0641U_L P0721U_L P0901U_L P1101U_L P1301U_L P1701U_L 58 65 75 95 120 160 VS Volts VT Volts 77 88 98 130 160 200 4 4 4 4 4 4 VF Volts 5 5 5 5 5 5 IDRM Amps 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 120 120 120 120 120 120
1 (T1) 2 (G1) 3 (R1)
6 (T2) 5 (G2) 4 (R2)
Pins 1-2, 2-3, 4-5, 5-6
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For individual "UA" and "UC" surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * VDRM is measured at IDRM. * VS and VF are measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request. * Parallel capacitive loads may affect electrical parameters.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A C 20 50 Amps 150 500 Amps 150 400 10x160 * 10x160 ** Amps 90 200 10x560 * 10x560 ** Amps 50 150 5x320 * 9x720 ** Amps 75 200 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 175 Amps 45 100 Amps 75 200 Amps 20 50 di/dt Amps/s 500 500
* Current waveform in s ** Voltage waveform in s
Telecom Design Guide * (c) 2006 Littelfuse
3 - 71
www.littelfuse.com
SIDACtor Devices
Multiport SLIC Protector
Thermal Considerations
Package Modified MS-013
6 5 4 1 2 3
Symbol TJ TS RJA
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 60
Unit C C C/W
Capacitance Values
pF Pin 1-2 / 3-2 (4-5 / 6-5) Tip-Ground, Ring-Ground Part Number P0641UAL P0641UCL P0721UAL P0721UCL P0901UAL P0901UCL P1101UAL P1101UCL P1301UAL P1301UCL P1701UAL P1701UCL MIN 50 65 45 60 45 60 40 50 40 50 30 40 MAX 200 200 190 190 180 180 160 160 160 160 125 125 MIN 20 20 20 20 20 20 15 15 15 15 15 15 pF Pin 1-3 (4-6) Tip-Ring MAX 105 105 105 105 105 105 105 105 105 105 80 80
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
www.littelfuse.com
3 - 72
(c) 2006 Littelfuse * Telecom Design Guide
Multiport SLIC Protector
+I VF
IPP - Peak Pulse Current - %IPP
100
Peak Value
tr = rise time to peak value td = decay time to half value
VS VDRM -V
VT +V
Waveform = tr x td
IDRM IH IS IT -I
50
Half Value
0 0 tr td t - Time (s)
V-I Characteristics
tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
Telecom Design Guide * (c) 2006 Littelfuse
3 - 73
www.littelfuse.com
SIDACtor Devices


▲Up To Search▲   

 
Price & Availability of P1101UL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X